Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD65 Fiches technique(PDF) 2 Page - NEC

No de pièce UPD65
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD65 Fiches technique(HTML) 2 Page - NEC

  UPD65 Datasheet HTML 1Page - NEC UPD65 Datasheet HTML 2Page - NEC UPD65 Datasheet HTML 3Page - NEC UPD65 Datasheet HTML 4Page - NEC UPD65 Datasheet HTML 5Page - NEC UPD65 Datasheet HTML 6Page - NEC UPD65 Datasheet HTML 7Page - NEC UPD65 Datasheet HTML 8Page - NEC UPD65 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
µPD64A, 65
Data Sheet U14380EJ2V0DS00
ORDERING INFORMATION
Part Number
Package
µPD64AMC-×××-5A4
20-pin plastic SSOP (300 mil)
µPD65MC-×××-5A4
20-pin plastic SSOP (300 mil)
Remark
××× indicates ROM code suffix.
PIN CONFIGURATION (TOP VIEW)
20-pin Plastic SSOP (300 mil)
•
µPD64AMC-×××-5A4
•
µPD65MC-×××-5A4
Caution The pin numbers of KI and KI/O are in the reverse order of the
µPD6600A, and 6124A.
1
2
3
4
5
6
7
8
9
10
KI/O6
KI/O7
S0
S1/LED
REM
VDD
XOUT
XIN
GND
S2
20
19
18
17
16
15
14
13
12
11
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
KI3
KI2
KI1
KI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64