| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD65 Fiches technique(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD65 Fiches technique(HTML) 8 Page - NEC |
|
8 / 64 page ![]() 8 µPD64A, 65 Data Sheet U14380EJ2V0DS00 1.3 Dealing with Unused Pins The following connections are recommended for unused pins. Table 1-1. Connections for Unused Pins Pin Connection Inside the microcontroller Outside the microcontroller KI/O INPUT mode — Leave open OUTPUT mode High-level output REM — S1/LED OUTPUT mode (LED) setting S0 OFF mode setting Directly connect these S2 — pins to GND K1 — Caution The I/O mode and the terminal output level are recommended to be fixed by setting them repeatedly in each loop of the program. |