| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2476 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2476 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 49 page ![]() STR750 library low power mode functions AN2476 32/49 MRCC_Peripheral To select the peripheral to gates its clock, use a combination of one or more of the following values: Example: /* Enable GPIOs and TB clocks */ MRCC_PeripheralClockConfig(MRCC_Peripheral_GPIO | MRCC_Peripheral_TB, ENABLE); MRCC_Peripheral Meaning MRCC_Peripheral_ALL All peripherals clock MRCC_Peripheral_EXTIT EXTIT clock MRCC_Peripheral_RTC RTC clock MRCC_Peripheral_GPIO GPIO clock MRCC_Peripheral_UART2 UART2 clock MRCC_Peripheral_UART1 UART1 clock MRCC_Peripheral_UART0 UART0 clock MRCC_Peripheral_I2C I2C clock MRCC_Peripheral_CAN CAN clock MRCC_Peripheral_SSP1 SSP1 clock MRCC_Peripheral_SSP0 SSP0 clock MRCC_Peripheral_USB USB clock MRCC_Peripheral_PWM PWM clock MRCC_Peripheral_TIM2 TIM2 clock MRCC_Peripheral_TIM1 TIM1 clock MRCC_Peripheral_TIM0 TIM0 clock MRCC_Peripheral_TB TB clock MRCC_Peripheral_ADC ADC clock |