| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2476 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2476 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 49 page ![]() AN2476 STR750 library low power mode functions 31/49 2.7 MRCC_EnterSTANDBYMode Example: /* Enter STANDBY mode */ MRCC_EnterSTANDBYMode(); 2.8 MRCC_PeripheralClockConfig Function Name MRCC_EnterSTANDBYMode Function Prototype void MRCC_EnterSTANDBYMode(void) Behavior Description Enters STANDBY mode. Input Parameter None Output Parameter None Return Parameter None Required preconditions None Called functions None Function Name MRCC_PeripheralClockConfig Function Prototype void MRCC_PeripheralClockConfig( u32 MRCC_Peripheral, FunctionalState NewState) Behavior Description Enables or disables the specified peripheral clock. Input Parameter1 MRCC_Peripheral: specifies the peripheral to gates its clock. Refer to section “MRCC_Peripheral” for more details on the allowed values of this parameter. Input Parameter2 NewState: new state of the specified peripheral clock. This parameter can be: ENABLE or DISABLE. Output Parameter None Return Parameter None Required preconditions None Called functions None |