Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2475 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2475
Description  STR91xFAxxx in-application programming using UART
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2475 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2475 Datasheet HTML 19Page - STMicroelectronics AN2475 Datasheet HTML 20Page - STMicroelectronics AN2475 Datasheet HTML 21Page - STMicroelectronics AN2475 Datasheet HTML 22Page - STMicroelectronics AN2475 Datasheet HTML 23Page - STMicroelectronics AN2475 Datasheet HTML 24Page - STMicroelectronics AN2475 Datasheet HTML 25Page - STMicroelectronics AN2475 Datasheet HTML 26Page - STMicroelectronics AN2475 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN2475
IAP using the ST Flash loader
23/37
Figure 14. Read command STR91xFA side
ai15312
Start Read
End Read
No
Receive the Start address (4 bytes)
+ checksum
Valid address
& checksum OK?
Receive the number of bytes to be read -1
and the checksum
Checksum OK?
Send NACK
Is 0x11 + 0xEE
received?
Send the ACK byte
Yes
Send the ACK byte
No
Yes
No
Send the ACK byte
Send data to the host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37