Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2475 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2475
Description  STR91xFAxxx in-application programming using UART
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2475 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2475 Datasheet HTML 9Page - STMicroelectronics AN2475 Datasheet HTML 10Page - STMicroelectronics AN2475 Datasheet HTML 11Page - STMicroelectronics AN2475 Datasheet HTML 12Page - STMicroelectronics AN2475 Datasheet HTML 13Page - STMicroelectronics AN2475 Datasheet HTML 14Page - STMicroelectronics AN2475 Datasheet HTML 15Page - STMicroelectronics AN2475 Datasheet HTML 16Page - STMicroelectronics AN2475 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN2475
IAP using the ST Flash loader
13/37
The STR91xFA sends the bytes as follows:
●
Byte 1: ACK
●
Byte 2: N = 7 = the number of bytes to follow – 1 except current and ACKs.
●
Byte 3: Version (0 < Version
≤255): 10 = Version 1.0
●
Byte 4: 0x00 – Get command
●
Byte 5: 0x02 – Get ID
●
Byte 6: 0x11 – Read Memory command
●
Byte 7: 0x21 – Go command
●
Byte 8: 0x31 – Write Memory command
●
Byte 9: 0x43 – Erase command
●
Byte 10: 0x71 – Write Unprotect command
●
Last byte (11) – ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37