Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2400 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2400
Description  Audio player evaluation board based on ST7Lite
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2400 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2400 Datasheet HTML 15Page - STMicroelectronics AN2400 Datasheet HTML 16Page - STMicroelectronics AN2400 Datasheet HTML 17Page - STMicroelectronics AN2400 Datasheet HTML 18Page - STMicroelectronics AN2400 Datasheet HTML 19Page - STMicroelectronics AN2400 Datasheet HTML 20Page - STMicroelectronics AN2400 Datasheet HTML 21Page - STMicroelectronics AN2400 Datasheet HTML 22Page - STMicroelectronics AN2400 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN2400
Bill of materials
21/23
19
1
R9
10K POT
11.48 * 9.71
mm
PANASONIC
EVU-
F2AF30D14
20
1
R10
220E
SMD0805
YAEGO
RC0805JR-
07220RL
21
1
R11
4.7E
SMD0805
YAEGO
RC0805JR-
074R7L
22
2
SW1, SW2
PUSH
BUTTON
SPST
4.7X3.5X2.1
mm
PANASONIC
EVQ-P2K02Q
23
1
U1
3.3 VREG
DPAK
ST
KF33BDT
24
1
U2
MCU
DIP16
ST
ST7FLITES2Y
0B6
25
1
U3
WIDE ZIF
SOCKET
SO8
EMULATION
TECHNOLOGY
S-SOP-00-
008-B
26
1
U4
AUDIO AMP
SO8
ST
TDA7233D
27
1
U5
8-MBIT
FLASH
SO8W
ST
M25P80-
VMW6G
Index
Quantity
Reference
Value /
Generic Part
Number
Package
Manufacturer
Manufacturer
ordering
code/
Orderable
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23