Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2400 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2400
Description  Audio player evaluation board based on ST7Lite
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2400 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2400 Datasheet HTML 9Page - STMicroelectronics AN2400 Datasheet HTML 10Page - STMicroelectronics AN2400 Datasheet HTML 11Page - STMicroelectronics AN2400 Datasheet HTML 12Page - STMicroelectronics AN2400 Datasheet HTML 13Page - STMicroelectronics AN2400 Datasheet HTML 14Page - STMicroelectronics AN2400 Datasheet HTML 15Page - STMicroelectronics AN2400 Datasheet HTML 16Page - STMicroelectronics AN2400 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN2400
Files description
13/23
Appendix A
Files description
Table 2.
Files and their description
A.1
Function description
A.1.1
RC_calibration()
A.1.2
IO_Init()
Files
Description
Main.c
Contains the parameters, constants (#define), macros, global variables,
function prototypes and their definition.
interrupt_vector.c
Contains the basic interrupt vector tables for ST7 devices and the
preprocessors.
interrupt_routines.c
Contains the interrupt service routines and preprocessors.
interface.h
Contains the external declaration for the global variables.
interrupt_routines.h
Contains the external declaration for the interrupt service routines.
define.h
Contains the preprocessors and constants.
io7flite0.h
Contains IO definitions for the various registers of ST7FLITES2
lib_bits.h
Contains the constants (#define) and the public macros and declarations.
bitdef.h
Contains the constants (#define) for the various registers of ST7FLITES2.
Input Parameter
None
Output Parameter
None
Global Variables
None
Dependencies
None
Description
Used for the RC oscillator frequency adjustment. An 8-bit RC control
register is used for the adjustment.
Input Parameter
None
Output Parameter
None
Global Variables
None
Dependencies
None
Description
Used to configure the data direction register and option register in
output mode and in push pull mode respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23