| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2009 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2009 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 39 page ![]() 28/39 PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC Bit 6 = DTE*: Dead Time Generator Enable 0: Disable the Dead Time generator 1: Enable the Dead Time generator and apply complementary PWM signal to the adjacent switch Bits 5:0 = DTG[5:0]*: Dead time generator set-up. These bits set-up the deadtime duration and resolution * = write once-only bit if PCN bit is set, read/write if PCN bit is reset. To clear the DTE bit if PCN=1, it is mandatory to clear the PCN bit first. |