Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1971 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce AN1971
Description  ST7LITE0xxx MICROCONTROLLED BALLAST
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1971 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button AN1971 Datasheet HTML 6Page - STMicroelectronics AN1971 Datasheet HTML 7Page - STMicroelectronics AN1971 Datasheet HTML 8Page - STMicroelectronics AN1971 Datasheet HTML 9Page - STMicroelectronics AN1971 Datasheet HTML 10Page - STMicroelectronics AN1971 Datasheet HTML 11Page - STMicroelectronics AN1971 Datasheet HTML 12Page - STMicroelectronics AN1971 Datasheet HTML 13Page - STMicroelectronics AN1971 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
ST7LITE0xxx MICROCONTROLLED BALLAST
3.3 RECTIFYING EFFECT (END OF LIFE)
When the lamp is getting old, it highlights an imbalance between filament depletion. It causes
a non-zero average voltage across the lamp, which can be measured by the voltage sense cir-
cuits depicted in Figure 7. You must determine the maximum allowable level of this offset in
the software. In other words, the circuit in Figure 7 is using the microcontroller as a window
comparator.
As is usual for all abnormal conditions the software will switch to the Stop state to wait for the
lamp change, if this contravention occurs.
3.4 CURRENT OR VOLTAGE EXCEED MAXIMUM VALUES
Exceeding current or voltage maximum (pre-selected in software) in the ballast application
can always mean many different problems, but none of them are good for the ballast itself. So
in the case that the software detects exceeding of maximum values it rather switches to the
Stop state to prevent any damage to the ballast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16