| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1971 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1971 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page ![]() December 2012 1/16 Rev. 3 AN1971 APPLICATION NOTE ST7LITE0xxx MICROCONTROLLED BALLAST Demand for flexibility is increasing in new ballast applications. If a designer can use the same ballast with different tube lamp wattages and types, savings can be made reducing logistic costs. The aim of this application note is to show designers how the ST7 microcontroller helps in the design of such a ballast. In addition, it shows how the use of the ST7LITE0xxx micro- controller adds some attributes facilitating design-work and improving the ballast functionality. 1 INTRODUCTION Figure 1 shows a diagram of the whole application. Figure 1. Block Diagram Half bridge Driver L6384 Power Section ST7LITE0xxx Microcontroller Current Measurement Voltage Measurement =400V Lamp 1 |
Numéro de pièce similaire - AN1971 |
|
Description similaire - AN1971 |