Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1754 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN1754
Description  DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1754 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN1754 Datasheet HTML 1Page - STMicroelectronics AN1754 Datasheet HTML 2Page - STMicroelectronics AN1754 Datasheet HTML 3Page - STMicroelectronics AN1754 Datasheet HTML 4Page - STMicroelectronics AN1754 Datasheet HTML 5Page - STMicroelectronics AN1754 Datasheet HTML 6Page - STMicroelectronics AN1754 Datasheet HTML 7Page - STMicroelectronics AN1754 Datasheet HTML 8Page - STMicroelectronics AN1754 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
3 ST7 SOFTWARE
The PC application performs the initialization and starts execution of the ST7 application. At
this point, your ST7 application has to send the data bytes to the PC. The method you use de-
pends on the variant of the ICC monitor in the ST7 device because some ICC commands are
available only in the medium or extended variant and not in the basic variant. Please refer to
theST7 ICC Protocol Reference manual for the table listing ST7 devices with the ICC monitor
variant embedded in each type.
If the device chosen has a medium or advanced variant ICC monitor, you can just call the
ICC_Send_Byte routine at the address provided in the ICC Protocol Reference manual. If the
device has a basic ICC monitor, the send byte routine needs to be coded as part of your ap-
plication. The sample program provided with this application note includes a send byte routine
which you can use.
The software provided can be configured to support devices with any ICC monitor variant.
The ST7 software execution is given in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com