Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1754 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN1754
Description  DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1754 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN1754 Datasheet HTML 5Page - STMicroelectronics AN1754 Datasheet HTML 6Page - STMicroelectronics AN1754 Datasheet HTML 7Page - STMicroelectronics AN1754 Datasheet HTML 8Page - STMicroelectronics AN1754 Datasheet HTML 9Page - STMicroelectronics AN1754 Datasheet HTML 10Page - STMicroelectronics AN1754 Datasheet HTML 11Page - STMicroelectronics AN1754 Datasheet HTML 12Page - STMicroelectronics AN1754 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
4.2 ADAPTING THE ST7 SOFTWARE
In this package, tested workspaces are provided for implementing a data logging system for
ST72F521 and ST72F264 devices using both Metrowerks and Cosmic toolchains. The work-
sp aces h ave bee n nam ed AD C_HIW _5 21, A DC_CS MC_ 521 , A DC_ HIW_ 264 a nd
ADC_CSMC_264 according to the combination of device and toolchain supported. All the
workspaces use different toolchain and configuration settings for the same source code. This
source code implements an application running the ADC to perform conversions continuously
and sending back the contents of ADCDRH to the PC.
The ST7_application, as delivered, is configured for the ST72F264 device. In order to migrate
from one device to another, certain changes have to be made. All the following changes are to
be made in main.h, except for the change described in Section 4.2.2.
4.2.1 Compiler path
Please check paths in the configuration files for the compiler being used.
4.2.2 Microcontroller Selection
You have to select the appropriate device in the ST7lib_config.h file and provide the corre-
sponding peripheral registers and configuration files.
4.2.3 ICC Monitor Variant
The ICC monitor on the ST7 micro controller may be a Basic, Medium or Advanced variant.
The variant of the monitor determines the ICC commands supported by it. The different vari-
ants and the ICC commands supported by them are summarized in Table 1 ICC Monitor Var-
iant.
Table 1. ICC Monitor Variant
The variant of ICC monitor determines whether you have to provide the ICC Send Byte routine
or not.
Case: Medium or Advanced variants - You must update the address of the ICC Send Byte
routine according to the addresses specified in the ICC Protocol Reference manual.
Case: Basic variant - You call a user-programmed Send Byte routine, just like calling any
other user specified function. In this case, you also have to update the ICCPort_xxx register
references and the ICCCLK & ICCDATA pin references accordingly.
Name
ICC Monitor Variant
Basic
Medium
Advanced
ICC Command
Write Memory
X
X
X
Go
X
X
X
Go New Context
X
Read memory
X
X
Automatic Context Saving
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com