| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1602 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1602 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() 5/21 16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs Ld A , TBUCV ; Load the TBU counter value Ld TmpTBU1 , A; into TmpTBU1 Ld A , ARTCAR ; Load the ART counter Value Ld TmpART1 , A ; into TmpART1 Ld A , TBUCV ; Load the TBU counter value into Ld TmpTBU2 , A; TmpTBU2 Ld A , TmpART1 ; Compare ART & ICR Cp A , IcapReg2 ; If ART > ICR then Case 2 jrpl Case2 ; Ld A ,TmpTBU2; Case 1 : TBU = TBU2 - 1 Dec A ; jra Next2 ; .Case2 Ld A , TmpTBU1 ; Case TBU = TBU1 .Next2 Ld PulseEndHR , A; load TBUCV into PulseEndHR Ld A , IcapReg2 ; Load The ART Inp Capt 2 register Ld PulseEndLR , A; Value into PulseEndLR Iret ; Exit from Interrupt .Flag1 Ld A , ARTICR1 ; Latch the Input Cap Reg into Ld IcapReg1 , A; IcapReg1 Ld A , ARTICCSR ; Clear Interrupt Ld A , TBUCV ; Load the TBU counter value Ld TmpTBU1 , A; into TmpTBU1 Ld A , ARTCAR ; Load the ART counter Value Ld TmpART1 , A ; into TmpART1 Ld A , TBUCV ; Load the TBU counter value into Ld TmpTBU2 , A; TmpTBU2 Ld A , TmpART1 ; Compare ART & ICR Cp A , IcapReg1 ; jrpl Case1 ; Ld A , TmpTBU2; Case : TBU = TBU2 - 1 Dec A ; jra Next1 ; .Case1 Ld A , TmpTBU1 ; Case TBU = TBU1 .Next1 Ld PulseStartHR , A; load TBUCV into PulseEndHR Ld A , IcapReg1 ; Load The ART Inp Capt 2 register Ld PulseStartLR , A; Value into PulseEndLR Iret ; Exit from Interrupt 1.1.3 Frequency Measurement 1.1.3.1 Measurement Principles Frequency measurement is a little bit different from pulse length measurement. To get the fre- quency, we measure the full signal period which can be defined by the time interval between two consecutive rising edges (Figure 6) |