| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1602 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1602 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 21 page ![]() 7/21 16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs 1.1.3.2 Example of input capture interrupt routine .Inp_Cap_Routine ; Ld A , ARTICR1 ; Ld CurrentICAP , A ; ;------------------------------------------; Ld A, ARTICCSR ; ;------------------------------------------; Ld A , TBUCV ;Load the TBU counter value Ld TmpTBU1 , A ;into TmpTBU1 Ld A , ARTCAR ;Load the ART counter Value Ld TmpART1 , A ;into TmpART1 Ld A , TBUCV ;Load the TBU counter value into Ld TmpTBU2 , A ; ;------------------------------------------; Btjf FirstEdge,#0,FirstRisingEdge ;TmpTBU2 ;------------------------------------------; ;.SecondRisingEdge ; Ld A , TmpART1 ;Compare ART & ICR Cp A , CurrentICAP ;If ART > ICR then Case 2 jrpl Case2 ; Ld A , TmpTBU2 ;Case 1 : TBU = TBU2 - 1 Dec A ; jra Next2 ; .Case2 Ld A , TmpTBU1 ;Case TBU = TBU1 .Next2 Ld PeriodEndHR , A ;load TBUCV into PeriodEndHR Ld A , CurrentICAP ;Load The ART Inp Capt 1 register Ld PeriodEndLR , A ;Value into PeriodEndLR Clr FirstEdge ; Iret ; .FirstRisingEdge ; Ld A , TmpART1 ;Compare ART & ICR Cp A , CurrentICAP ; jrpl Case1 ; Ld A , TmpTBU2 ;Case : TBU = TBU2 - 1 Dec A ; jra Next1 ; .Case1 Ld A , TmpTBU1 ; Case TBU = TBU1 .Next1 Ld PeriodStartHR , A ;load TBUCV into PulseEndHR Ld A , CurrentICAP ;Load The ART Inp Capt 1 register Ld PeriodStartLR , A ;Value into PulseEndLR Inc FirstEdge ; Iret ; |