| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1353 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1353 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() AN1353 Loads_Control sub-routine Rev 2 13/17 Appendix C Loads_Control sub-routine Figure 6. Loads_Control flowchart LOADS_CONTROL Fridge door open ? Motor start-up allowed Switch ON the motor Read Temperature order ORDER 1 < - Order + THRES ORDER 2 < - Order - THRES Switch ON the light Switch OFF the light Temperature > ORDER 1? Motor start-up not allowed Temperature > ORDER 2? Switch OFF the motor Motor ON ? Motor start-up not allowed RET no yes yes yes no no yes |