Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1353 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN1353
Description  ASD ST62000C software description for cooling thermostat applicatons
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1353 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN1353 Datasheet HTML 8Page - STMicroelectronics AN1353 Datasheet HTML 9Page - STMicroelectronics AN1353 Datasheet HTML 10Page - STMicroelectronics AN1353 Datasheet HTML 11Page - STMicroelectronics AN1353 Datasheet HTML 12Page - STMicroelectronics AN1353 Datasheet HTML 13Page - STMicroelectronics AN1353 Datasheet HTML 14Page - STMicroelectronics AN1353 Datasheet HTML 15Page - STMicroelectronics AN1353 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Start-up procedure
AN1353
12/17
Rev 2
Appendix B
Start-up procedure
Figure 5.
Start-up procedure
RESET
Ram data
OK ?
Sub-routines Internal
Variables Initialization
Wait 100 ms
Registers Initialization
PORT A&B Configuration
Write “Check-Ram” registers
Measure Mains Period
(T50Hz)
Start-up = 1 ?
Over-Current < -1
Switch OFF Tr&Ts
PORT A&B configuration
Outputs writing
MAIN_PROG
no
yes
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17