| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD62AMC Fiches technique(PDF) 40 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD62AMC Fiches technique(HTML) 40 Page - NEC |
|
40 / 62 page ![]() 40 µPD62A Data Sheet U14474EJ1V0DS00 OUT Pn, #data8 <1> Instruction code: 0 011011 P2 P1 P0 : 0d7 d6 d5 d4 0d3 d2 d1 d0 <2> Cycle count: 1 <3> Function: (Pn) ← data8 n = 0, 1, 3, 4 The immediate data is transferred to port Pn. In this case, port Pn refers to P1n-P0n operating in pairs. 9.6 Data Transfer Instruction MOV A, R0n MOV A, R1n <1> Instruction code: 1 111 R4 0R3 R2 R1 R0 <2> Cycle count: 1 <3> Function: (A) ← (Rmn) m = 0, 1 n = 0 to F CY ← 0 The register Rmn contents are transferred to the accumulator. MOV A, @R0H <1> Instruction code: 1 11101000 0 <2> Cycle count: 1 <3> Function: (A) ← ((P13), (R0))7-4 CY ← 0 The high-order 4 bits (b7 b6 b5 b4) of the program memory specified with control register P13 and register pair R10-R00 are transferred to the accumulator. b9 is ignored. MOV A, @R0L <1> Instruction code: 1 11111000 0 <2> Cycle count: 1 <3> Function: (A) ← ((P13), (R0))3-0 CY ← 0 The low-order 4 bits (b3 b2 b1 b0) of the program memory specified with control register P13 and register pair R10-R00 are transferred to the accumulator. b8 is ignored. • Program memory (ROM) contents b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 @R0 H@R0 L MOV A, #data4 <1> Instruction code: 1 11111000 1 : 0 00000 d3 d2 d1 d0 <2> Cycle count: 1 <3> Function: (A) ← data4 CY ← 0 The immediate data is transferred to the accumulator. |