Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN887 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN887 Datasheet HTML 1Page - STMicroelectronics AN887 Datasheet HTML 2Page - STMicroelectronics AN887 Datasheet HTML 3Page - STMicroelectronics AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
MICROCONTROLLERS MADE EASY
EXAMPLE: THE AUTOMOTIVE MARKET
The automotive market is the most important single driving force in the microcontroller
market, especially at it’s high end. Several microcontroller families were developed specifically
for automotive applications and were subsequently modified to serve other embedded appli-
cations.
Figure 7. MCU Applications in Automotive
The automotive market is demanding in term of device performance and component reliability.
Electronics must operate under extreme temperatures and be able to withstand vibration,
shock, and EMI. The electronics must be reliable, because a failure that causes an accident
can (and does) result in multi-million dollar lawsuits. Reliability standards are high - but be-
cause these electronics also compete in the consumer market - they have a low price tag.
Figure 8. MCU Applications in Today’s and Tomorrow’s Home
VR02101F
TRIP COMPUTER
CAR RADIO
KEYLESS ENTRY
FUEL INJECTION
AIRBAG
WINDOW LIFT
DASHBOARD DISPLAY
SEAT BELT FASTENER
VR02101F
VR02101G
TODAY’S
HOME
TOMORROW’S
HOME
- TV SET, VCR
- CORDLESS PHONE
- WASHING MACHINE
- ENERGY MANAGEMENT
- HOME AUTOMATION
- HEATING SYSTEM
- "GREEN" REFRIGERATOR
- VACUUMCLEANER
- SECURITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12