| Moteur de recherche de fiches techniques de composants électroniques |
|
AN887 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN887 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() 3/12 MICROCONTROLLERS MADE EASY SERIAL INTERFACE Serial interface are used to exchange data with the external world. Many microcontrollers have both asynchronous and synchronous communications peripherals built in. Usually, an asynchronous interface is called a serial communication interface (SCI or UART) while the synchronous interface is called a serial peripheral interface (SPI). A typical SCI application is to connect a PC for debugging purpose while a typical SPI application is to connect an ex- ternal EEPROM. A synchronous bus includes a separate line for the clock signal which simplifies the transmitter and receiver but is more susceptible to noise when used over long distances. With an asyn- chronous bus the transmitter and receiver clocks are independent, and a resynchronization is performed for each byte at the start bit. Figure 3. Synchronous and Asynchronous Communication Principles A/D CONVERTER Converts an external analog signal (typically relative to voltage) into a digital representation. Microcontrollers that have this feature can be used for instrumentation, environmental data logging, or any application that lives in an analog world. Figure 4. A/D Converter Principle VR02101C SYNCHRONOUS ASYNCHRONOUS 0b b b b b1 CLOCK bb b DATA CLOCK + DATA b b Start Stop bb VR02101D ANALOG 1 2 3 4 5 ANALOG SIGNAL Time 54 2 11 2 DIGITAL Voltage A / D CONVERTER |