| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1771 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1771 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 38 page ![]() DocID026392 Rev 2 35/38 UM1771 Programming section 38 Edit the “Linker” configuration file: $PROJ_DIR$\config\stm32f10x_flash.icf Where $PROJ_DIR$ is a variable containing the path to the project directory. Add the required library source files: startup_stm32f10x_cl.s system_stm32f10x.c misc.c stm32f10x_exti.c stm32f10x_flash.c stm32f10x_gpio.c stm32f10x_rcc.c stm32f10x_spi.c stm32f10x_tim.c For the debugger, for example, select the ST-LINK and configure it to run to main, to verify download, to use Flash loader and to override the “default *.board” file with the “FlashSTM32F105xB.board”. |