Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1771 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM1771
Description  The EVAL6474H-DISC is a low cost development tool based
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1771 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM1771 Datasheet HTML 24Page - STMicroelectronics UM1771 Datasheet HTML 25Page - STMicroelectronics UM1771 Datasheet HTML 26Page - STMicroelectronics UM1771 Datasheet HTML 27Page - STMicroelectronics UM1771 Datasheet HTML 28Page - STMicroelectronics UM1771 Datasheet HTML 29Page - STMicroelectronics UM1771 Datasheet HTML 30Page - STMicroelectronics UM1771 Datasheet HTML 31Page - STMicroelectronics UM1771 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Programming section
UM1771
28/38
DocID026392 Rev 2
b)
If no problem is detected, the LEDs will start an infinite two-step loop:
- In the first step, the four LEDs will switch on one after the other by starting by the
green one and ending by the yellow one.
Figure 23. Starting board (board OK)
- In the second step, only the LEDs which correspond to the board ID are switched
on all at the same time. For the L6474 device, there are the green and red LEDs.
Figure 24. Starting board (display board ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38