Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4250 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN4250
Description  Fishbone diagram for power factor correction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4250 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN4250 Datasheet HTML 1Page - STMicroelectronics AN4250 Datasheet HTML 2Page - STMicroelectronics AN4250 Datasheet HTML 3Page - STMicroelectronics AN4250 Datasheet HTML 4Page - STMicroelectronics AN4250 Datasheet HTML 5Page - STMicroelectronics AN4250 Datasheet HTML 6Page - STMicroelectronics AN4250 Datasheet HTML 7Page - STMicroelectronics AN4250 Datasheet HTML 8Page - STMicroelectronics AN4250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID024230 Rev 1
5/15
AN4250
Boost converter
15
2
Boost converter
The Boost converter is generally used in the SMPS as a PFC.
Section 3 gives a complete description of the PFC block and the Boost converter.
The Boost circuit is a DC-DC converter providing a higher output voltage than input voltage.
Here below the classic Boost topology.
Figure 2. Boost converter schematic
The circuit is composed of:
–
Inductor
–
Switch (Power MOSFET)
–
Boost diode
–
Capacitor and load
The functioning of the circuit can be divided into two steps depending on the conduction
state of the switch: on-state, off-state.
On-state
During the on-state, the switch can be considered as a short-circuit, thus from the initial
topology two meshes can be derived:
Figure 3. Boost converter schematic during the Power MOSFET turn-on
V1
V
L1
L
D1
D
C1
C
R1
R
SWITCH
AM17350v1
V1
V
L1
L
C1
C
R1
R
Ton
AM17351v1
V
V
IN
L =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15