Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4250 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4250
Description  Fishbone diagram for power factor correction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4250 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4250 Datasheet HTML 7Page - STMicroelectronics AN4250 Datasheet HTML 8Page - STMicroelectronics AN4250 Datasheet HTML 9Page - STMicroelectronics AN4250 Datasheet HTML 10Page - STMicroelectronics AN4250 Datasheet HTML 11Page - STMicroelectronics AN4250 Datasheet HTML 12Page - STMicroelectronics AN4250 Datasheet HTML 13Page - STMicroelectronics AN4250 Datasheet HTML 14Page - STMicroelectronics AN4250 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID024230 Rev 1
13/15
AN4250
Fishbone diagram for Power MOSFET in parallel
15
Causes linked to the method
Different torque on heatsink
Different torque of the two devices causes different heat dissipation and the current
unbalance.
Figure 11. Additional Fishbone diagram for parallel configuration
APPLICATION
CURRENT
UNBALANCE
Circuit component
Parasitic
inductances
Gate circuitry
Boost diode
MATERIAL
Difference of intrinsic Power MOSFET
characteristics
Vth differences
Rdson differences
gfs influence
METHOD
Difference torque of the
mounting on heatsink
Temperature
unbalance
difference
AM17359v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15