| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4213 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4213 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 42 page ![]() DocID023984 Rev 2 37/42 AN4213 Bill of material Appendix B Bill of material Table 4. Board bill of material Reference Qty Value/part number Description R2/R22 2 8.2 k Ω/0.25 W RC07 R4 1 56 k Ω SMD 1206 R20 1 47 k Ω/0.25 W RC07 R5 1 220 k Ω SMD 1206 R7/R16 2 680 k Ω/0.25 W RC07 R9 1 0.47 k Ω/0.5 W RC07 R10 1 22 k Ω/0.25 W RC07 R11/R28 2 100 k Ω/2 W RC07 R13/R19 2 47 k Ω SMD 1206 R17/R18 2 270 k Ω/0.25 W RC07 R24 1 10 k Ω/0.25 W RC07 R25/R26 2 1 M Ω/0.5 W RC07 R27 1 180 k Ω/0.25 W RC07 C1/C20 2 220 nF/305 V AC X2 Metallized polypropylene capacitor C3 1 150 nF/630 V DC Plastic capacitor C6 1 10 nF/100 V DC Metallized polyester capacitor C7 1 56 μF/450 V Electrolytic capacitor C8 1 560 pF/50 V Ceramic capacitor C9 1 100 nF/400 V DC Polyester capacitor C16 1 100 nF/630 V DC Polyester capacitor C10 1 560 pF/500 V DC Ceramic capacitor C11/C14 2 15 nF/630 V DC Metallized polypropylene capacitor C12/C15 2 22 nF/630 V DC PHE450 film capacitor C13 1 22 μF/50 V Electrolytic capacitor C19 1 1 μF/100 V Polyester capacitor C21 1 2.2 nF/1000 V Ceramic capacitor C22 1 100 nF/100 V DC Polyester capacitor C23 1 47 nF/500 V DC Ceramic capacitor C24 1 220 nF/100 V Metallized polyester capacitor C25 1 10 μF/>25 V Electrolytic capacitor D1/D2/D3/D4 4 1N4007 DO-41 D13 1 SWTTH1RL06 ST DO-41 |