Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4213 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 24Page - STMicroelectronics AN4213 Datasheet HTML 25Page - STMicroelectronics AN4213 Datasheet HTML 26Page - STMicroelectronics AN4213 Datasheet HTML 27Page - STMicroelectronics AN4213 Datasheet HTML 28Page - STMicroelectronics AN4213 Datasheet HTML 29Page - STMicroelectronics AN4213 Datasheet HTML 30Page - STMicroelectronics AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Driving optimization
AN4213
28/42
DocID023984 Rev 2
5
Driving optimization
A driving network optimization has been performed with the main purpose to have thermal
and dynamic behavior of the devices compliant to the features of the system.
5.1
Power MOSFET circuit optimization
Here below is the electrical schematic concerning the driving circuit of the Power MOSFET.
Figure 18. Driving network optimization
An RC snubber network, R = 180
Ω and C
sn
=47 pF, has been inserted in order to avoid a
voltage spike and voltage oscillation across the Power MOSFET during its turn-off.
Furthermore, limiting the rise slope of the Power MOSFET voltage,
ΔV
DS
/
ΔT, the cross
between voltage and current is also reduced resulting in less switching losses during turn-
off. On the other hand, a too high value involves a peak on the current during turn-on. So a
right trade-off has to be found in order to balance the switching losses during turn-off and
turn-on and to have the best performance of the device.
AM17332v1
HV
R
Csn
Rg
D
Rsense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42