| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4209 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4209 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() DocID023949 Rev 2 5/19 AN4209 STRVS parameters Figure 3. Simplified characteristics of an STRVS device Figure 4. Simplified electrical model of an STRVS device A simple rule to calculate RD and VCL0 is to use IPP2=Ipeak of the application and IPP1 =IPP2 /2 The clamping voltage is defined in Equation 2. Equation 2 I (A) V(V) IPP1 Operating region IPP2 1/RD (IPP1;IPP2;Tj) K IPP V CL A V CL0 (IPP1;IPP2;Tj) IPP V CL(IPP;Tj) RD (IPP1;IPP2;Tj) PP j PP PP D j PP PP CL j CL PP I T I I R T I I V T I V· + =) ; ; ( ) ; ; ( ) ; ( 2 1 2 1 0 |