| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4209 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4209 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 19 page ![]() STRVS parameters AN4209 6/19 DocID023949 Rev 2 RD can be calculated as shown in Equation 3. Equation 3 VCL0 is shown in Equation 4 Equation 4 This model will be useful to assess the power dissipation of the device. 1.2 Thermal parameters 1.2.1 Steady state parameters Thermal resistance (Rth(j-Ref)) The thermal resistance represents the package's dissipation capability from the junction (active die surface) to a specified reference point (case, lead, board, ambient, etc…). Its value is defined as the temperature difference between two specified points, divided by the dissipated power under thermal equilibrium conditions. Equation 5 Where: The previous equation can be easily reworked to estimate the junction temperature in steady mode operation as shown in Equation 6. Equation 6 In STRVSX specifications, the junction-to-lead (Rth(j-l)) and junction-to-ambient (Rth(j-a)) thermal resistances are commonly provided to help designers. These parameters are determined under standard test conditions with specific board dimensions and layers in compliance with the JEDEC standard. Table 1 shows typical thermal resistances for available packages. 1 2 1 1 2 2 2 1 ) ; ( ) ; ( ) ; ; ( PP PP j PP CL j PP CL J PP PP D I I T I V T I V T I I R - - = 1 2 1 1 1 2 1 0 ) ; ; ( ) ; ( ) ; ; ( PP j PP PP D j PP CL j PP PP CL I T I I R T I V T I I V· - = Rth(j-Ref) Junction-to-reference thermal resistance expressed in °C/W PD Average dissipated power of the die, expressed in W Tj Junction temperature of the die expressed in °C TRef Temperature of the reference point expressed in °C D f j f j TH P T T R Re ) Re ( - = - f D f j TH j T P R T Re ) Re ( + · = - |