Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3338 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 19Page - STMicroelectronics AN3338 Datasheet HTML 20Page - STMicroelectronics AN3338 Datasheet HTML 21Page - STMicroelectronics AN3338 Datasheet HTML 22Page - STMicroelectronics AN3338 Datasheet HTML 23Page - STMicroelectronics AN3338 Datasheet HTML 24Page - STMicroelectronics AN3338 Datasheet HTML 25Page - STMicroelectronics AN3338 Datasheet HTML 26Page - STMicroelectronics AN3338 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Doc ID 18441 Rev 4
23/72
AN3338
Electrical characteristics and functions
72
Note:
X: not important.
The dead time is internally set at 600 ns as typical value. In
Figure 14 the details of dead
time and interlocking function management of the STGIPS14K60, STGIPL14K60,
STGIPS20K60, and STGIPL20K60 products are described.
Table 8. Interlocking function truth table of STGIPS14K60, STGIPL14K60, STGIPS20K60, and
STGIPL20K60
Condition
Logic input (VI)
Outputs
SD
LIN
HIN
LVG
HVG
Shutdown enable
half bridge tri-state
LX
XL
L
Interlocking
half bridge tri-state
HL
HL
L
0 “logic state”
half bridge tri-state
H
H
LLL
1 “logic state”
low side direct driving
HL
L
H
L
1 “logic state”
high side direct driving
HHH
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72