Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3338 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3338
Description  In recent years the variable speed motor control market has required high performance
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3338 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3338 Datasheet HTML 9Page - STMicroelectronics AN3338 Datasheet HTML 10Page - STMicroelectronics AN3338 Datasheet HTML 11Page - STMicroelectronics AN3338 Datasheet HTML 12Page - STMicroelectronics AN3338 Datasheet HTML 13Page - STMicroelectronics AN3338 Datasheet HTML 14Page - STMicroelectronics AN3338 Datasheet HTML 15Page - STMicroelectronics AN3338 Datasheet HTML 16Page - STMicroelectronics AN3338 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Doc ID 18441 Rev 4
13/72
AN3338
Inverter design concept and SLLIMM solution
72
1.4
Absolute maximum ratings
The absolute maximum ratings represent the extreme capability of the device and they can
be normally used as a worst limit design condition. It is important to note that the absolute
maximum value is given according to a set of testing conditions such us temperature,
frequency, voltage, and so on. The device performances can change according to the
applied condition.
Figure 7. Internal circuit of STGIPL14K60 and STGIPL20K60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72