Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1889 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 25Page - STMicroelectronics AN1889 Datasheet HTML 26Page - STMicroelectronics AN1889 Datasheet HTML 27Page - STMicroelectronics AN1889 Datasheet HTML 28Page - STMicroelectronics AN1889 Datasheet HTML 29Page - STMicroelectronics AN1889 Datasheet HTML 30Page - STMicroelectronics AN1889 Datasheet HTML 31Page - STMicroelectronics AN1889 Datasheet HTML 32Page - STMicroelectronics AN1889 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN1889
Experimental results
29/33
Figure 20.
Steady state at minimum voltage
Figure 21.
Steady state at maximum voltage
As clearly visible in the above figures, this voltage during on state is fixed at 2.5 V
(confirming theoretical calculation) and the core will be completely demagnetized after turn-
off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33