Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1889 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN1889
Description  The need to choose a high value of the fly-back voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1889 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN1889 Datasheet HTML 24Page - STMicroelectronics AN1889 Datasheet HTML 25Page - STMicroelectronics AN1889 Datasheet HTML 26Page - STMicroelectronics AN1889 Datasheet HTML 27Page - STMicroelectronics AN1889 Datasheet HTML 28Page - STMicroelectronics AN1889 Datasheet HTML 29Page - STMicroelectronics AN1889 Datasheet HTML 30Page - STMicroelectronics AN1889 Datasheet HTML 31Page - STMicroelectronics AN1889 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Experimental results
AN1889
28/33
Figure 18.
Turn-off behavior
Figure 19.
Turn-off losses
In the following figures while reporting again the steady state waveforms at both minimum
and maximum input voltages, the voltage drop on the secondary side of the current
transformer has been added (curves labeled 3 in the waveforms reported in figures 20 and
21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33