Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1506 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN1506
Description  A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1506 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN1506 Datasheet HTML 1Page - STMicroelectronics AN1506 Datasheet HTML 2Page - STMicroelectronics AN1506 Datasheet HTML 3Page - STMicroelectronics AN1506 Datasheet HTML 4Page - STMicroelectronics AN1506 Datasheet HTML 5Page - STMicroelectronics AN1506 Datasheet HTML 6Page - STMicroelectronics AN1506 Datasheet HTML 7Page - STMicroelectronics AN1506 Datasheet HTML 8Page - STMicroelectronics AN1506 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN1506 - APPLICATION NOTE
3/14
Figure 1. Cell-based and strip-based structures of two Power MOSFETs
In the strip-based layout process an intermediate dielectric layer is obtained after growing the gate oxide
and depositing the poly silicon. In such a sandwich structure parallel strips are opened through an
appropriate photo masking process. After implanting the body, the source regions are created by using a
sort of small rectangle (patches) masking. The longer sides of the patches are perpendicular to the strips
in such a way that they do not need to be aligned within the strip but only along their spacing, which
normally is larger than the opening, thus avoiding any alignment problem. The next step is to isolate the
poly silicon along the stripe’ s periphery thanks to the spacer process. Etching the dielectric material
originally deposited and creating “hills”on the sides of the strips achieve this. Finally, Aluminum
deposition is done in order to contact the strips, and the fabrication flow chart is completed.
Figure 2. Cell-based and strip-based structures of two Power MOSFETs showing the key
parameters of the elemental component of the geometry
L
S
L
S
source
body
source
body
c
bt
L
cb
t
n
p
a)
b)
source
body
source
n+
p
n+
p
n+
p-vapox
poly
SiO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14