Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN319 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN319
Description  RELAY DRIVE PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN319 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN319 Datasheet HTML 1Page - STMicroelectronics AN319 Datasheet HTML 2Page - STMicroelectronics AN319 Datasheet HTML 3Page - STMicroelectronics AN319 Datasheet HTML 4Page - STMicroelectronics AN319 Datasheet HTML 5Page - STMicroelectronics AN319 Datasheet HTML 6Page - STMicroelectronics AN319 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
AN319 APPLICATION NOTE
Figure 3. Relay Drive Protection
Note: (d) Unidirectional Transil.
(e) Bidirectional Transil.
(f) Bidirectional Transil.
VCL is the voltage (measured) at the terminals of the Transil when the load current goes through it.
If we take VCL = VCC, we limit the overvoltage to a reasonable value and thus period t2 represents only
0.4 x t1. A correct choice of VCL will reduce t2 to very low values and reach the mechanical limit given by
the relay.
Figure 4. Current in the inductance at switch off
Note: (g) Recovery diode circuit: current slowly decreases to 0.
(h) Transil circuit: current decreases rapidly (asymptote = –VCL* / R).
d
L
R
A
e
L
R
A
I
f
L
R
A
T
g
h
VCC
R
VCC
2R
VCC
R
VCC
2R
VCL
R
VCC
VCC
L
R
L
R
A
A
D
T
t1 =
Ln 2
L
R
t1
t
t2
t



Html Pages

1 2 3 4 5 6 7