Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN319 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce AN319
Description  RELAY DRIVE PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN319 Fiches technique(HTML) 1 Page - STMicroelectronics

  AN319 Datasheet HTML 1Page - STMicroelectronics AN319 Datasheet HTML 2Page - STMicroelectronics AN319 Datasheet HTML 3Page - STMicroelectronics AN319 Datasheet HTML 4Page - STMicroelectronics AN319 Datasheet HTML 5Page - STMicroelectronics AN319 Datasheet HTML 6Page - STMicroelectronics AN319 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
April 2004
AN319
APPLICATION NOTE
RELAY DRIVE PROTECTION
Rev. D2A - 3569
INTRODUCTION
A fast switch-off in an inductive circuit causes overvoltages and electromagnetic interferences that can
damage peripheral elements. When a relay drive circuit is not protected, it is frequent to find some con-
tacts destroyed by the arc due to the overvoltage or failed transistors after initial use. Various solutions
exist which limit the voltage at the terminals of the switching circuit in order to prevent any damage.
There follow some examples.
PASSIVE COMPONENTS
Resistive network, capacitor (see circuit a, Figure 1).
This is an efficient solution in many applications but generates current peaks that can be inconvenient at
switch-on.
Figure 1. Relay Drive Protection by R.C. Network
ELECTRONIC COMPONENTS
Fast Diodes And Transil
Standard protection which puts a diode in antiparallel with the inductive load (see circuit b, Figure 2) offers
many advantages: negligible overvoltage at switch on (forward voltage of the diode) reduced space, low
price, good reliability and negligible permanent losses.
Unfortunately the current through the inductor does not stop immediately at switch-off; instead it decays
with a time constant L/R. This is a disadvantage in some applications, for example a relay coil driver. The
relay contacts will remain closed for some time after the switch is opened due to the current stored in the
relay coil. It would be desirable to speed up the current decay rate while retaining the advantages of re-
covery diode protection.
a
L
R
r
C
A


Numéro de pièce similaire - AN319

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN3190 STMICROELECTRONICS-AN3190 Datasheet
584Kb / 56P
LQFP144 pinout compatibility analysis
17-Sep-2013
AN3193 STMICROELECTRONICS-AN3193 Datasheet
240Kb / 13P
STM32L1xx ultralow power features overview
20-Sep-2013
More results

Description similaire - AN319

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SK3754 TOSHIBA-2SK3754_09 Datasheet
139Kb / 3P
Relay Drive, DC?묭C Converter
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive
logo
Carlo Gavazzi Holding A...
PIDIN0126HI2R2S1XX CARLOGAVAZZI-PIDIN0126HI2R2S1XX Datasheet
891Kb / 8P
Monitoring Relay Interface protection Relay
PIDIN0021HI4R2S1XX CARLOGAVAZZI-PIDIN0021HI4R2S1XX Datasheet
2Mb / 9P
Monitoring Relay Interface protection Relay
logo
Toshiba Semiconductor
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7