Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1481 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 35Page - STMicroelectronics UM1481 Datasheet HTML 36Page - STMicroelectronics UM1481 Datasheet HTML 37Page - STMicroelectronics UM1481 Datasheet HTML 38Page - STMicroelectronics UM1481 Datasheet HTML 39Page - STMicroelectronics UM1481 Datasheet HTML 40Page - STMicroelectronics UM1481 Datasheet HTML 41Page - STMicroelectronics UM1481 Datasheet HTML 42Page - STMicroelectronics UM1481 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
UM1481
Connectors and jumpers
Doc ID 022389 Rev 1
39/55
8.5
Jumper J7
8.6
Jumper J10
8.7
Jumper J11
8.8
Jumper J9: external MCU connection
Table 12.
ALM pin connection of STC3105
Jumper
Description
1 - 2
Connecting the ALM pin of the STC3104 with onboard MCU STM32
2 - 3
Connecting the ALM pin of the STC3105 with external MCU
Table 13.
SDA pin for I2C communication
Jumper
Description
1 - 2
Connecting the SDA pin of the STC3105 with onboard MCU STM32
2 - 3
Connecting the SDA pin of the STC3105 with external MCU
Table 14.
SCL pin for I2C communication
Jumper
Description
1 - 2
Connecting the SCL pin of the STC3105 with onboard MCU STM32
2 - 3
Connecting the SCL pin of the STC3105 with external MCU
Table 15.
Pinout for external microcontroller connections
Jumper
Pin function
Description
1
Alarm
Pinout for the ALM pin of the STC3105 for external
MCU
2
NC
NC
3
I2C_SDC
Pinout for the SDA line for external MCU
4
I2C_SCL
Pinout for the SCL line for external MCU
5
GND
Pinout for the GND connection for external MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55