| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1481 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1481 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 55 page ![]() UM1481 STC3105 parameter setting and display Doc ID 022389 Rev 1 21/55 5.6 HyperTerminal display settings The STC3105 board supports the virtual COM port feature. After installing the driver provided for the virtual COM port or the gas-gauge GUI driver (which automatically installs the virtual COM port driver in addition to the GUI), the user can see the battery parameters and other register information on the HyperTerminal window of the PC. To do this, the user should connect the micro-USB cable between the board and the PC, and select the device manager under the hardware tab of system properties, as shown in Figure 24. Figure 23. My computer hardware properties Now the user is able to see the “STM Virtual COM Port” under ports (COM & LPT). Take a note of the COM port number. Figure 24. Board appearing as a COM port device under device manager |