Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4545 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4545
Description  VL6180X basic ranging application note
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4545 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4545 Datasheet HTML 19Page - STMicroelectronics AN4545 Datasheet HTML 20Page - STMicroelectronics AN4545 Datasheet HTML 21Page - STMicroelectronics AN4545 Datasheet HTML 22Page - STMicroelectronics AN4545 Datasheet HTML 23Page - STMicroelectronics AN4545 Datasheet HTML 24Page - STMicroelectronics AN4545 Datasheet HTML 25Page - STMicroelectronics AN4545 Datasheet HTML 26Page - STMicroelectronics AN4545 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID026571 Rev 1
23/27
AN4545
Acronyms and abbreviations
27
8
Acronyms and abbreviations
Table 2. Acronyms and abbreviations
Acronym/ abbreviation
Definition
AMB
Ambient
Convergence
When the VL6180X have detected a target and “converged” or
acquired the target distance
GPIO
General Purpose Input/Output
NVM
Non Volatile Memory
Mcps
Unit for measuring the signal rate from the return/reference array.
Mega-counts per second.
SNR
Signal-to-Noise Ratio
SR
Standard Ranging settings
SPAD
Single Photon Avalanche Diode
VHV
Very High Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27