| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4545 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4545 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 27 page ![]() DocID026571 Rev 1 17/27 AN4545 Cover glass 27 5.1.2 Range ignore The range ignore function in VL6180X can be enabled by setting bit 1 of SYSRANGE__RANGE_CHECK_ENABLES {0x2d}. If enabled, the ignore threshold must be specified. We recommend setting the ignore threshold to at least 1.2x cross talk. e.g. SYSRANGE__RANGE_IGNORE_THRESHOLD {0x26} = cross talk (Mcps) x 1.2 A range ignore error will be flagged if the return signal rate is less than the ignore threshold. |