Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4355 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics AN4355 Datasheet HTML 14Page - STMicroelectronics AN4355 Datasheet HTML 15Page - STMicroelectronics AN4355 Datasheet HTML 16Page - STMicroelectronics AN4355 Datasheet HTML 17Page - STMicroelectronics AN4355 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Gate driving circuitry
AN4355
14/25
DocID025240 Rev 2
4
Gate driving circuitry
The L648x devices integrate a programmable gate driving circuitry which allows to drive
a wide range of external N-channel MOSFETs.
The parameters which can be set are listed in Table 3.
Figure 10. Gate driving circuit diagram
Table 3. Gate driving circuit parameters
Parameter
Description
Gate source/sink current
The current used to charge/discharge the gate of the MOSFETs.
Controlled current time
(charging time)
The charging/discharging time of the gate of the MOSFETs.
Turn-off current boost time
The part of the discharging time during which the gate current is forced
to the maximum value.
Deadtime
The time between the turn-off of a MOSFET and the turn-on of the
opposite one.
Blanking time
The time after the MOSFETs commutation where the sensing circuitry is
disabled in order to avoid spurious triggering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25