Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4355 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4355
Description  The L6480 and L6482 devices are motor controllers providing
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 7Page - STMicroelectronics AN4355 Datasheet HTML 8Page - STMicroelectronics AN4355 Datasheet HTML 9Page - STMicroelectronics AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics AN4355 Datasheet HTML 13Page - STMicroelectronics AN4355 Datasheet HTML 14Page - STMicroelectronics AN4355 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID025240 Rev 2
11/25
AN4355
Motion engine control
25
Figure 7.
Initialization position using GoUntil and ReleaseSW commands
Load in unknown
position
Position sensor
(limit switch)
Stepper motor
dSPIN family motor driver
GoUntil command is executed and the load reaches the limit switch
SW
SW
ReleaseSW command is executed and the load is positioned
exactly on the triggering point of the limit switch
SW
AM16593v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25