Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4339 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 18Page - STMicroelectronics AN4339 Datasheet HTML 19Page - STMicroelectronics AN4339 Datasheet HTML 20Page - STMicroelectronics AN4339 Datasheet HTML 21Page - STMicroelectronics AN4339 Datasheet HTML 22Page - STMicroelectronics AN4339 Datasheet HTML 23Page - STMicroelectronics AN4339 Datasheet HTML 24Page - STMicroelectronics AN4339 Datasheet HTML 25Page - STMicroelectronics AN4339 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Description
AN4339
22/27
DocID025039 Rev 1
1.4.5
Typical TACHO waveforms and speed control loop
Figure 13. Typical TACHO waveforms and speed control loop
1.4.6
BRAKE function
Brake input pin. Low logic level switches on all high side Power MOSFETs, implementing
the brake function. If not used, it has to be connected to +5 V.
1.4.7
FWD/REV functions
Input to forward and reverse function for the motor i.e to select the direction of the rotation.
HIGH logic level sets forward operation, whereas LOW logic level sets reverse operation. If
not used, it has to be connected to GND or +5 V.
1.4.8
Enable input (EN)
Chip enable input. LOW logic level switches OFF all Power MOSFETs. If not used, it has to
be connected to +5 V.
1.4.9
RCPULSE
RC network pin. A parallel RC network connected between this pin and ground sets the
duration of the monostable pulse used for the frequency-to-voltage converter.
1.4.10
RCOFF
An external parallel RC network is connected to the RCOFF to set the current controller off
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27