Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4339 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN4339
Description  BLDC motor based ceiling fan solution proposal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4339 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN4339 Datasheet HTML 16Page - STMicroelectronics AN4339 Datasheet HTML 17Page - STMicroelectronics AN4339 Datasheet HTML 18Page - STMicroelectronics AN4339 Datasheet HTML 19Page - STMicroelectronics AN4339 Datasheet HTML 20Page - STMicroelectronics AN4339 Datasheet HTML 21Page - STMicroelectronics AN4339 Datasheet HTML 22Page - STMicroelectronics AN4339 Datasheet HTML 23Page - STMicroelectronics AN4339 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Description
AN4339
20/27
DocID025039 Rev 1
1.4.1
L6235 block diagram
Figure 11. L6235 block diagram
The detail description of some of the pins of driver is given in Section 1.4.2 to
Section 1.4.10.
1.4.2
SENSEA and SENSEB
These are half bridge sections source pins. SENSEA and SENSEB pins have to be
connected together and to power ground through a sensing power resistor. At the pin
SENSEB, the inverted pin of an internal sense comparator is connected.
1.4.3
Hall sensors inputs (H1, H2, and H3)
These are Hall sensor inputs to controller to detect the position of motor. We need pull-up
resistors connected at these pins to connect the Hall sensors inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27