Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3981 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 27Page - STMicroelectronics AN3981 Datasheet HTML 28Page - STMicroelectronics AN3981 Datasheet HTML 29Page - STMicroelectronics AN3981 Datasheet HTML 30Page - STMicroelectronics AN3981 Datasheet HTML 31Page - STMicroelectronics AN3981 Datasheet HTML 32Page - STMicroelectronics AN3981 Datasheet HTML 33Page - STMicroelectronics AN3981 Datasheet HTML 34Page - STMicroelectronics AN3981 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
AN3981
STP24DP05
Doc ID 022217 Rev 1
31/54
For proper device operation, the entering sequence must be followed by a resuming
sequence as it is not possible to insert consecutive equal sequences.
Figure 36.
Example of error detection with the STP24DP05
Figure 36 shows an example of error detection where OUT15 and OUT0 are faulty, whereas
all other outputs are considered good.
4.6.3
Correctness of the error detection results
It is important to underline that the result of the diagnostic process must be compared with
the data loaded into the shift register.
In fact, if a channel is not switched on, the result of the detection is “0” anyway.
It is recommended to follow the approach shown in Figure 26.
Figure 34.
Digital key for entering error
detection mode in 32-bit LED
drivers
Figure 35.
Digital key for exiting error
detection mode in 32-bit LED
drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54