Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3981 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 19Page - STMicroelectronics AN3981 Datasheet HTML 20Page - STMicroelectronics AN3981 Datasheet HTML 21Page - STMicroelectronics AN3981 Datasheet HTML 22Page - STMicroelectronics AN3981 Datasheet HTML 23Page - STMicroelectronics AN3981 Datasheet HTML 24Page - STMicroelectronics AN3981 Datasheet HTML 25Page - STMicroelectronics AN3981 Datasheet HTML 26Page - STMicroelectronics AN3981 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
AN3981
16-bit LED array drivers
Doc ID 022217 Rev 1
23/54
Figure 25.
Example of error detection with OUT15 and OUT0 faulty and all other
outputs good
3.6.1
Correctness of the error detection results
It is important to underline that the result of the diagnostic process must be compared with
the data loaded into the shift register.
In fact, if a channel is not switched on, the result of the detection is “0” anyway.
It is recommended to follow the approach shown in Figure 26.
Figure 26.
Error detection results interpretation
The correct interpretation of the detection results can be affected by any setup/hold time
problem. Same considerations about
and LE timing done in Section 4.6.3 apply also to
16-bit LED array drivers.
Incorrect error detection results can be due also to an inappropriate choice of the LED
supply voltage. The rules to suitably define the LED supply voltage are discussed in
Section 5.1.
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54