Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3401 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce AN3401
Description  The SPV1001 and SPV1002 are system-in-package solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3401 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button AN3401 Datasheet HTML 3Page - STMicroelectronics AN3401 Datasheet HTML 4Page - STMicroelectronics AN3401 Datasheet HTML 5Page - STMicroelectronics AN3401 Datasheet HTML 6Page - STMicroelectronics AN3401 Datasheet HTML 7Page - STMicroelectronics AN3401 Datasheet HTML 8Page - STMicroelectronics AN3401 Datasheet HTML 9Page - STMicroelectronics AN3401 Datasheet HTML 10Page - STMicroelectronics AN3401 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN3401
Thermal runaway
Doc ID 018842 Rev 1
7/18
4
Thermal runaway
If the application is not properly designed in terms of heat dissipation, Schottky diodes can
go into thermal runaway. This phenomenon permanently damages the diode, which works
like short-circuit. As the SPV100x is based on MOSFET technology, it is free from the above
mentioned phenomenon.
Normally, Schottky diodes with lower forward losses, have higher leakage current and so
they are more sensitive to thermal runaway; for this reason the correct design of the
application comes also from a trade-off between forward voltage drop and leakage current.
When the diode is in forward mode the temperature increases due to the high power
dissipation, while, when it goes into reverse polarity it can have a relatively high leakage
current due to the high temperature coming from the previous condition.
If the power losses generated from the leakage current are higher than those in forward
mode, then the diode goes into thermal runaway until permanent damage occurs.
Figure 6.
Thermal runaway positive loop
Therefore, in all the photovoltaic applications, the use of Schottky diodes, as the bypass
device, may be dangerous because of the risk of thermal runaway.
During forward mode, the forward current (Iak) and the forward voltage (Vak) define the
junction temperature (Tj):
Equation 4
where RthJA is the junction to ambient thermal resistance.
During the fast switching of the diode from forward to reverse mode, the junction
temperature, due to the preceding forward mode, stays continuos and determines the
leakage current (Irev) related to the reverse voltage Vrev. This leakage current determines
the new junction temperature trend.
This variation trend, between the initial junction temperature (due to forward mode) and the
new one (due to reverse mode), gives the Tj variation and the rotation sense that can be
seen in Figure 6.
T
j
T
a
R
thJA
V
ak
I
ak
⋅
()
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com