| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD22100GS Fiches technique(PDF) 6 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD22100GS Fiches technique(HTML) 6 Page - NEC |
|
6 / 16 page ![]() µPD22100, 22148 6 SWITCHING TIME CHARACTERISTICS (Ta = 25 °C) CHARACTERISTIC SYMBOL MIN. TYP. MAX. UNIT VDD(V) CONDITIONS tPLH 30 60 5 Signal INPUT → Signal OUTPUT tPHL 15 30 ns 10 RL = 10 k Ω, CL = 50 pF. tr = tf = 20 ns 10 20 15 300 600 5 Strobe INPUT RL = 1 k Ω tPZH 125 250 ns 10 → OUTPUT CL = 50 pF 80 160 15 tr, tf = 20 ns 210 420 5 Data INPUT tPZH 110 220 ns 10 → OUTPUT 100 150 15 350 700 5 Address INPUT Propagation Delay tPZL 135 270 ns 10 → OUTPUT Time 90 180 15 165 330 5 Strobe INPUT tPHZ 85 170 ns 10 → OUTPUT 70 140 15 210 420 5 Data INPUT tPZL 110 220 ns 10 → OUTPUT 100 150 15 435 870 5 Address INPUT tPHZ 210 420 ns 10 → OUTPUT 160 320 15 Set Up Time 95 190 5 Data INPUT tset up 25 50 ns 10 → Strobe 15 30 15 Address Hold Time 180 360 5 Data INPUT thold 110 220 ns 10 → Strobe INPUT 60 120 15 Address INPUT Frequency 0.6 1.2 5 RL = 1 k Ω, CL = 50 pF f φmax. 1.6 3.2 MHz 10 tr, tf = 20 ns 2.5 5 15 Strobe Pulse PW 300 600 5 Width (STROBE) 120 240 ns 10 90 190 15 Crosstalk Voltage 75 mV 10 RL = 10 k Ω (peak) tr = tf = 20 ns Rectronglar INPUT Capacitance 5 7.5 pF Data, Strobe, Address INPUT CIN 30 pF Signal Xn 30 INPUT Yn Feedthrough CIN/OUT 0.4 pF Capacitance Frequency RL = 1 k Ω, VIS = 5 V(p-p) Response − 40 MHz 10 20 log = −3 dB (Switch ON) Feedthrough RL = 1 k Ω, f = 1.6 kHz, VIS = 5 V(p-p) Attenuation − −80 dB 10 Sine Wave Input (Switch Off) Sine Wave − 0.5 % 10 RL = 1 k Ω, VIS = 5 V(p-p) Distortion f = 1 kHz Crosstalk Between RL = 1 k Ω Any Two Switches − 1.5 MHz 10 SW(A) = ON 20 log = −40 dB SW(B) = OFF VOS VIS VO (B) VI (A) |