| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD22100GS Fiches technique(PDF) 5 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD22100GS Fiches technique(HTML) 5 Page - NEC |
|
5 / 16 page ![]() 5 µPD22100, 22148 µPD22100 ABSOLUTE MAXIMUM RATINGS (Ta = 25 °C, VSS = 0 V) DC Supply Voltage VDD −0.5 to +20 V Input Voltage VI −0.5 to VDD + 0.5 V Input Current II 10 mA Power Dissipation PD 200 mW Operating Temperature Topt −40 to +85 °C Storage Temperature Tstg −65 to +125 °C RECOMMENDED OPERATING CONDITIONS (Ta = −40 to +85 °C) CHARACTERISTIC SYMBOL MIN. TYP. MAX. UNIT CONDITIONS Operating Voltage VDD 318 V Input Voltage (Control) VIH 0.7 VDD VDD V Input Voltage (Control) VIL 0 0.3 VDD V Analog Input Voltage VIA VSS VDD VVxn − Vyn ≤ 0.5 V ELECTRICAL CHARACTERISTICS CHARACTERISTIC SYMBOL Ta = −40 °CTa = 25 °CTa = +85 °C UNIT CONDITIONS MIN. MAX. MIN. TYP. MAX. MIN. MAX. VDD (V) On-State 530 160 650 820 5 Resistance RON 100 80 120 150 Ω 10 VIS = 75 70 90 120 12 70 60 85 110 15 On-State 35 5 Resistance Dif- ∆RON 20 Ω 10 VIS = ference Between 18 12 Any Two Switches 15 15 Input Leakage IL ±300 ±1 ±300 ±10000 nA 18 All Switches OFF Current Input Voltage 3.5 3.5 3.5 5 Switch ON VIH 77 7 V 10 RON < RON MAX. 11 11 11 15 Input Voltage 1.5 1.5 1.5 5 Switch OFF VIL 33 3 V 10 IL < 0.2 µA 44 4 15 Input Current II ±0.3 ±10−5 ±0.3 ±1 µA18 VI = VSS, VDD Quiescent 5 0.04 5 150 5 Current IDD 10 0.04 10 300 µA 10 VI = VSS, VDD 20 0.04 20 600 15 100 0.08 100 3000 20 VDD − VSS 2 VDD − VSS 2 |