Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3329 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 34Page - STMicroelectronics AN3329 Datasheet HTML 35Page - STMicroelectronics AN3329 Datasheet HTML 36Page - STMicroelectronics AN3329 Datasheet HTML 37Page - STMicroelectronics AN3329 Datasheet HTML 38Page - STMicroelectronics AN3329 Datasheet HTML 39Page - STMicroelectronics AN3329 Datasheet HTML 40Page - STMicroelectronics AN3329 Datasheet HTML 41Page - STMicroelectronics AN3329 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Bill of materials
AN3329
38/47
Doc ID 18376 Rev 1
T1
1860.0014
Rev. 0.1
Resonant transformer
MAGNETICA
T2
1715.0059
Standby flyback TRAFO
MAGNETICA
U1
L6564D
SSOP10
10-pin transition mode PFC controller
STMicroelectronics
U2
L6599AD
SO-16
Improved HV resonant controller
STMicroelectronics
U3
SFH610A-2
DIP-4 -
10.16MM
Optocoupler
Infineon
U4
TL431ACZ
TO-92
Programmable shunt voltage reference
STMicroelectronics
U5
SFH610A-2
DIP-4 -
10.16MM
Optocoupler
Infineon
U6
VIPER27LN
DIP8
Offline HV converter
STMicroelectronics
U7
SFH610A-2
DIP-4 -
10.16MM
Optocoupler
Infineon
U8
TS431AZ
TO-92
Programmable shunt voltage reference
STMicroelectronics
Table 2.
Bill of materials (continued)
Des.
Part type /
part value
Case style
/ package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47