Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3329 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 25Page - STMicroelectronics AN3329 Datasheet HTML 26Page - STMicroelectronics AN3329 Datasheet HTML 27Page - STMicroelectronics AN3329 Datasheet HTML 28Page - STMicroelectronics AN3329 Datasheet HTML 29Page - STMicroelectronics AN3329 Datasheet HTML 30Page - STMicroelectronics AN3329 Datasheet HTML 31Page - STMicroelectronics AN3329 Datasheet HTML 32Page - STMicroelectronics AN3329 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
AN3329
Conducted emission pre-compliance test
Doc ID 18376 Rev 1
29/47
5
Conducted emission pre-compliance test
Figure 58, 59, 60, and 61 are the peak measurements of the conducted emission noise at
full load and nominal mains voltages. The limits shown in the diagrams are EN55022 Class-
B, which is the most popular norm for domestic equipment and has more severe limits
compared to Class-A, dedicated to IT technology equipment. As visible in the diagrams, in
all test conditions the measurements are far below the limits.
Figure 58.
CE peak measurement at 115 V - 60 Hz and full load - phase wire
Figure 59.
CE peak measurement at 115 V - 60 Hz and full load - neutral wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47